PART |
Description |
Maker |
MTM8N60 MTH8N60 MTH8N55 |
(MTH8N55 / MTH8N60) Power Field Effect Transistor Power Field Effect Transistor N-Channel Enhancement-Mode Silicon Gate TMOS
|
MOTOROLA INC MOTOROLA[Motorola, Inc] Motorola Semiconductor Motorola, Inc.
|
PSMN005-75P PSMN005-75B PSMN005_75P_75B-01 |
N-channel logic level field-effect power transistor in a plastic package using TrenchMOS technology. 75 A, 75 V, 0.005 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB From old datasheet system N-channel enhancement mode field-effect transistor
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
2SK3079A |
Field Effect Transistor Silicon N Channel MOS Type 470 MHz Band Amplifier Applications TRANSISTOR,MOSFET,N-CHANNEL,10V V(BR)DSS,3A I(D),RFMOD TOSHIBA Field Effect Transistor Silicon N Channel MOS Type
|
Toshiba. TOSHIBA[Toshiba Semiconductor]
|
PTF10009 |
85 Watts, 1.0 GHz GOLDMOS?/a> Field Effect Transistor 85 Watts, 1.0 GHz GOLDMOS Field Effect Transistor 85 Watts, 1.0 GHz GOLDMOS⑩ Field Effect Transistor 85 Watts, 1.0 GHz GOLDMOSField Effect Transistor 85 Watts/ 1.0 GHz GOLDMOS Field Effect Transistor
|
Ericsson Microelectronics ERICSSON[Ericsson]
|
STD4525NL STU4525NL |
N-Channel Enhancement Mode Field Effect Transistor Dual N-Channel E nhancement Mode Field Effect Transistor
|
SamHop Microelectronics
|
2SK3476 |
Field Effect Transistor Silicon N Channel MOS Type VHF- and UHF-band Amplifier Applications TOSHIBA Field Effect Transistor Silicon N Channel MOS Type
|
TOSHIBA[Toshiba Semiconductor]
|
HN1K05FU |
Field Effect Transistor Silicon N Channel MOS Type For Portable Devices High Speed Switching Applications Interface Applications TOSHIBA Field Effect Transistor Silicon N Channel MOS Type
|
TOSHIBA[Toshiba Semiconductor]
|
PTF10020 |
2 CHANNEL, UHF BAND, Si, N-CHANNEL, RF POWER, MOSFET 125 Watts/ 860-960 MHz GOLDMOS Field Effect Transistor 125 Watts, 86060 MHz GOLDMOS Field Effect Transistor
|
ERICSSON POWER MODULES AB Ericsson Microelectronics
|
PTF10007 |
35 Watts, 1.0 GHz GOLDMOS Field Effect Transistor 35瓦,1.0 GHz的GOLDMOS场效应晶体管 35 Watts/ 1.0 GHz GOLDMOS Field Effect Transistor 35 Watts 1.0 GHz GOLDMOS Field Effect Transistor
|
ERICSSON[Ericsson] Ericsson Microelectronics
|
TPC8104-H |
Field Effect Transistor Silicon P Channel MOS Type (High Speed U-MOSII) High Speed and High Efficiency DC .DC Converters Lithium Ion Battery Applications Notebook PCs Portable Equipment Applications TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (High Speed U−MOSII) TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (High Speed U-MOSII)
|
Toshiba Corporation Toshiba Semiconductor
|
NDP6020P NDB6020P |
P-Channel Enhancement Mode Field Effect Transistor24A,-20V0.05ΩP沟道增强型MOS场效应管(漏电流-24A, 漏源电压-20V,导通电0.05Ω 24 A, 20 V, 0.05 ohm, P-CHANNEL, Si, POWER, MOSFET, TO-263AB P-Channel Logic Level Enhancement Mode Field Effect Transistor
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor] http://
|
TPCS8201 |
Field Effect Transistor Silicon N Channel MOS Type (U-MOS II) Lithium Ion Battery Applications Portable Equipment Applications Notebook PCs TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOS )
|
TOSHIBA[Toshiba Semiconductor]
|